PART |
Description |
Maker |
CD3821A CD3828A CD3821 CD3822 CD3822A CD3823 CD382 |
1 WATT CAPABILITY WITH PROPER HEAT SINKING Zener Diodes(齐纳二极
|
Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated]
|
MCP100T-270I_TT MCP100T-300I_TT MCP100T-315I_TT MC |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d CPU / System Supervisors Microcontroller Supervisory Circuit with Push-Pull Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
SFA050XS1-OR |
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
|
BEYONDINFINITE
|
NCP4896FCT1G |
1.0 Watt Audio Power Amplifier with Earpiece Driving Capability 1.08 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ON Semiconductor
|
NTE5061A NTE5062A NTE5063A NTE5064A NTE5065A NTE50 |
Zener diode, 1 watt, -5% tolerance. Nominal zener voltage Vz = 68V. Zener test current Izt = 3.7mA. Zener Diode, 1 Watt ±5% Tolerance Zener Diode, 1 Watt 【5% Tolerance Zener Diode 1 Watt 5% Tolerance Zener Diode, 1 Watt 5% Tolerance Zener Diode / 1 Watt 5% Tolerance surface mount silicon Zener diodes 硅表面贴装齐纳二极管 Zener Diode, 1 Watt % Tolerance 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NTE[NTE Electronics] Mitsubishi Electric, Corp. NTE Electronics, Inc.
|
OA2AA2720-R01 OA2A2720-R01 OA2AA2720-R010 OA2A2720 |
OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001Ω to 0.15Ω, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001惟 to 0.15惟, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001楼? to 0.15楼?, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001ヘ to 0.15ヘ, 1 WATT to 5 WATT
|
RCD COMPONENTS INC.
|
3EZ10D5 3EZ4.3D5 3EZ13D5 3EZ15D5 3EZ16D5 3EZ18D5 3 |
1 to 3 Watt Zener Voltage Regulator Diode(1锝?W锛?40V锛??绾崇ǔ??????) 1 to 3 Watt Zener Voltage Regulator Diode(13W00V,齐纳稳压二极管) 13瓦齐纳稳压二极管3W,为400V,齐纳稳压二极管 1 to 3 Watt Zener Voltage Regulator Diode(1W6.2V,齐纳稳压二极管) 3 Watt DO-41 Surmetic 30 Zener Voltage Regulators(3 Watt DO-41 Surmetic 30齐纳稳压 1 to 3 Watt Zener Voltage Regulator Diode(1W4V,齐纳稳压二极管) 1 to 3 Watt Zener Voltage Regulator Diode(1W13V,齐纳稳压二极管) 3 Watt DO−41 Surmetic 30 Zener Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
SI9712DY 70024 SI9712 |
PC Card (PCMCIA) Interface Switch with 12V Suspend Capability(PC卡(PCMCIA)接口智能开 PC Card (PCMCIA) Interface Switch―12-V Suspend Capability From old datasheet system PC Card (PCMCIA) Interface Switch - 12-V Suspend Capability
|
Vishay Intertechnology,Inc.
|
REC7.5-483.3SRW_AM REC7.5-2405DRW_AM REC7.5-2405SR |
7.5 Watt 7.5 Watt Single Dual Output 7.5瓦特7.5瓦双输出
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
TDA7492P TDA7492P13TR |
25-watt 25-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|
CFZ25-102-GB CFZ25-102-GT CFZ25-102-JB CFZ25-102-J |
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
|
RCD COMPONENTS INC.
|
NTE5296A NTE5240A NTE5241A NTE5242A NTE5243A NTE52 |
50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 52.0V. Zener test current Izt = 240mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 33.0V. Zener test current Izt = 380mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 180.0V. Zener test current Izt = 68mA. 50 Watt Zener Diodes ±5% Tolerance 50 Watt Zener Diodes 5% Tolerance 50 WATT ZENER DIODES 【5% TOLERANCE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 13.0V. Zener test current Izt = 960mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 43.0V. Zener test current Izt = 290mA.
|
NTE[NTE Electronics] Fujitsu, Ltd. NTE Electronics, Inc.
|